Part Number Hot Search : 
7F0S20E FSS130D1 YA868C15 2SD14 A7601 75N10 20LM3 AN124
Product Description
Full Text Search
  32-bit Datasheet PDF File

For 32-bit Found Datasheets File :: 68300    Search Time::1.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TA165-182-32-32

Transcom, Inc.
Part No. TA165-182-32-32
OCR Text 32-32 REV0_20040412 16.5 - 18.2 GHz 32 dBm Amplifier FEATURES * SSG : 32 dBm] min.^ * P1dB : 32 dBm] min.^@ 16.5-18.0GHz * P1dB : 31 dB...BIT output 32dbm / RL 2000ohm On/Off Switching speed On/Off control,TTL Case: As attached! TRANS...
Description 16.5 - 18.2 GHz 32 dBm Amplifier

File Size 91.25K  /  2 Page

View it Online

Download Datasheet





    TIP250-SW-32 TIP250 TIP250-10 TIP250-DOC TIP250-ED TIP250-SW-12 TIP250-SW-42 TIP250-SW-62 TIP250-SW-72 TIP250-SW-82 TIP2

List of Unclassifed Manufacturers
ETC
Part No. TIP250-SW-32 TIP250 TIP250-10 TIP250-DOC TIP250-ED TIP250-SW-12 TIP250-SW-42 TIP250-SW-62 TIP250-SW-72 TIP250-SW-82 TIP250-SW-92 TIP250-SW-95
OCR Text ...erature -40C to +85C ID-PROM 32 Mbit FLASH (4Mbyte) Local Control Logic Industry Pack logic Interface 32 Mbit FLASH (4Mbyte) Local +3.3V Bank1 8 Mbytes FLASH 64 sectors of 128Kbytes 16 bit wide Industry Pack I/O Interface ...
Description 8 Mbytes Flash Memory

File Size 34.63K  /  1 Page

View it Online

Download Datasheet

    AD420AR-32-REEL AD420ARZ-32-REEL AD42011 AD420AN-32 AD420ANZ-32 AD420-15

Analog Devices
Part No. AD420AR-32-REEL AD420ARZ-32-REEL AD42011 AD420AN-32 AD420ANZ-32 AD420-15
OCR Text ... maximum power supply range of 32 v output loop compliance of 0 v to v cc ? 2.75 v 24-lead soic and pdip packages functional block diag...bit dac 00494-001 figure 1. general description the ad420 is a complete digital to current loop ...
Description Serial Input 16-Bit 4 mA?0 mA, 0 mA?0 mA DAC
   Serial Input 16-Bit 4 mA?0 mA, 0 mA?0 mA DAC

File Size 280.07K  /  16 Page

View it Online

Download Datasheet

    USB-DIO-32

Advanced Digital Logic, Inc.
Part No. USB-DIO-32
OCR Text 32 - Buffered Digital I/O, Three Counter/Timers FEATURES * High-speed USB 2.0 device, USB 1.1 compatible * Small, portable 32-channel digital I/O module * Four 8-bit ports independently selectable for inputs or outputs * All 32 I/O lines b...
Description Enclosure, module and screw terminal board

File Size 206.47K  /  3 Page

View it Online

Download Datasheet

    PAS109BCL-32 PAS109BBL-32 PAS109BCB-32 PAS109B PAS109BBB-32

Pixart Imaging Inc.
Part No. PAS109BCL-32 PAS109BBL-32 PAS109BCB-32 PAS109B PAS109BBB-32
OCR Text ...lable in color or monochrome in 32-pin LCC or 32-pin chip-with-lens package. Features 164x124 pixels, 1/11" Lens Automatic/Manual exposure-gain control On chip 10-bit ADC On chip PGA On chip 9-bit DAC User selectable output data formats...
Description PAS109BC QQVGA COLOR CMOS IMAGE SENSOR PAS109BB QQVGA MONO CMOS IMAGE SENSOR

File Size 541.34K  /  15 Page

View it Online

Download Datasheet

    PAS302BCA-32

Pixart Imaging Inc.
Part No. PAS302BCA-32
OCR Text 32 CMOS Image Sensor IC PAS302BCA-32 CMOS VGA DIGITAL IMAGE SENSOR General Description The PAS302BCA-32 is a highly integrated CMOS ...bit RGB raw data through a parallel data bus and is available in 32-pin LCC package. The PAS302BCA-3...
Description CMOS VGA DIGITAL IMAGE SENSOR

File Size 342.23K  /  15 Page

View it Online

Download Datasheet

    DS5000T-32-16 DS5000-32-16

Dallas Semiconductor
Part No. DS5000T-32-16 DS5000-32-16
OCR Text ...8 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 VCC P0.0 AD0 P0.1 AD1 P0.2 AD2 P0.3 AD3 P0.4 AD4 P0.5 AD5 P0.6 AD6 P0.7 ...bit 8051 compatible Microcontroller adapts to task- at-hand: - 8 or 32K bytes of nonvolatile RAM fo...
Description Soft Microcontroller Module

File Size 103.15K  /  19 Page

View it Online

Download Datasheet

    ICS1894-32 1894-32KLF 1894-32KLFT

Integrated Device Technology
Part No. ICS1894-32 1894-32KLF 1894-32KLFT
OCR Text 32 Description The ICS1894-32 is a low-power, physical-layer device (PHY) that supports the ISO/IEC 10Base-T and 100Base-TX Carrier-Sens...Bit 2 as input (during power on reset/hardware reset) Interrupt output as output (default active low...
Description 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE

File Size 382.25K  /  53 Page

View it Online

Download Datasheet

For 32-bit Found Datasheets File :: 68300    Search Time::1.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 32-bit

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.6732759475708